PART |
Description |
Maker |
Z85C30-10BUA Z85C30-10DC Z85C30-10BQA AM85C30-8/BQ |
16MHZ, MLF, IND TEMP, GREEN(MCU AVR) 16MHZ, PDIP, IND TEMP, GREEN(MCU AVR) 16MHZ, MLF, IND TEMP, 5V(MCU AVR) 16MHZ, MLF, IND TEMP, GREEN, 5V(MCU AVR) 16MHZ, MLF, IND TEMP(MCU AVR) 16MHZ, TQFP, IND TEMP, GREEN, 5V(MCU AVR) Cartridge Fuse; Current Rating:2A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:5 x 15 mm; Body Material:Glass; Diameter:4.5mm; Fuse Terminals:Ferrule; Leaded Process Compatible:Yes; Length:14.48mm; Series:225 RoHS Compliant: Yes ATMEGA644V-10PU & AT86RF230-ZU(AVRZLINK) Communications Controller 通信控制 Cartridge Fuse; Current Rating:1A; Voltage Rating:250V; Fuse Type:Time Delay; Fuse Size/Group:5 x 15 mm; Body Material:Glass; Diameter:4.5mm; Fuse Terminals:Ferrule; Leaded Process Compatible:Yes; Length:14.48mm; Series:229 通信控制 Cartridge Fuse; Current Rating:1A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:5 x 15 mm; Body Material:Glass; Diameter:4.5mm; Fuse Terminals:Ferrule; Leaded Process Compatible:Yes; Length:14.48mm; Series:225 通信控制 16MHZ, TQFP, IND TEMP, 5V(MCU AVR) 通信控制 16MHZ, TQFP, IND TEMP, GREEN(MCU AVR) 通信控制
|
Advanced Micro Devices, Inc. Amphenol, Corp. Electronic Theatre Controls, Inc.
|
ST72T311J4B6 ST72T311J4T3 ST72T311J4B6S |
8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS CAP, FUSE, FLUSH MOUNT; Current, fuse rating:16A; Approval category:UL Recognised; Temp, op. max:70(degree C); Temp, op. min:-25(degree C); Approval Bodies:CSA, SEMKO, VDE; Colour:Black; Current rating:16A; Diameter, body:9.2mm; RoHS Compliant: Yes FUSE HOLDER, PCB, 20X5MM; Current, fuse rating:6.30A; Approval category:VDE, CSA, UL, SEMKO; Approval Bodies:VDE, CSA, UL, SEMKO; Approvals @ 10A:Semko, VDE; Approvals @ 16A:UL, CSA; Current rating:10A; Diameter, bezel:15mm; Fuse RoHS Compliant: Yes
|
STMicroelectronics
|
ZQB50L ZQB50H ZQB50M |
Rating at 25 Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
|
Gaomi Xinghe Electronics Co., Ltd.
|
AR5001 AR5002 AR5000 AR5004 AR5006 |
Rating at 25 Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
|
Gaomi Xinghe Electronics Co., Ltd.
|
D25SB10 D25SB20 D25SB40 D25SB60 |
Maximum Ratings & Thermal Characteristics Ratings at 25ambient temperature unless otherwise specified. Maximum Ratings & Thermal Characteristics Ratings at 25ambient temperature unless otherwise specified. 最大额定
|
乐山无线电股份有限公 Leshan Radio Company, Ltd.
|
586-2406-220F 586-2405-220F 586-2402-220F 586-2401 |
Single Chip BASED LED T 3 1/4 MINIATURE BAYONET BASE (BA9S) LED, BA9S, 6-36VAC/DC, GREEN; Lamp fitting type:BA9s; Current rating:10mA; Diameter, External:9mm; Length / Height, external:28.75mm; Temp, op. max:85(degree C); Temp, op. min:-30(degree C); Case style:T 3 1/4; Colour, LED:Green; RoHS Compliant: Yes
|
Dialight Corporation http://
|
PS2801-4 PS2801-4-V-F4 PS2801-1 PS2801-1-F3 PS2801 |
PRECISION POWER RADIAL-LEAD FILM RES, 330K, 1% 高隔离电压SSOP封装光耦合 HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER 高隔离电压SSOP封装光耦合 Power Resistor; Series:MK; Resistance:1Mohm; Resistance Tolerance: /- 1 %; Power Rating:0.75W; Voltage Rating:400V; Temperature Coefficient: /-50 ppm; Mounting Type:Through Hole; Operating Temp. Min:0 C; Terminal Type:Radial Leaded
|
California Eastern Laboratories, Inc. CEL[California Eastern Labs]
|
50011-8000 50011-8100 |
Crimp Socket Contact; Wire Size (AWG):30-24; Contact Current:2A; Contact Plating:Tin; Series:50011; Strip Length:2.1mm; Operating Temp. Min:-20 C; Pitch Spacing:2mm; Reel Quantity:10000; Voltage Rating:125V RoHS Compliant: Yes Crimp Socket Contact; Wire Size (AWG):30-24; Contact Plating:Tin; Series:50011; Strip Length:2.1mm; Operating Temp. Min:-20 C; Pitch Spacing:2mm; Voltage Rating:125V RoHS Compliant: Yes
|
MOLEX INC
|
ML4803CP-1 ML4803CP-2 ML4803CP1 ML4803IX-X ML4803 |
Power Factor Correction (PFC) and PWM Controller Combo From old datasheet system CAPACITOR, 10UF 10VCAPACITOR, 10UF 10V; Capacitance:10uF; Voltage rating, DC:10V; Capacitor dielectric type:; Series:SVP; Temp, op. max:105(degree C); Temp, op. min:-55(degree C); Tolerance, :20%; Tolerance, -:20%; Current, ripple 8引脚PFC和PWM组合控制 8-Pin PFC and PWM Controller Combo 1 A POWER FACTOR CONTROLLER WITH POST REGULATOR, 67 kHz SWITCHING FREQ-MAX, PDSO8
|
FAIRCHILD[Fairchild Semiconductor] Micro Linear Corporation Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
AM7203-25DC AM7203-25JC AM7203-25PC AM7203-25RC AM |
x9 Asynchronous FIFO X9热卖异步FIFO 55NS, TSOP, IND TEMP(FLASH) X9热卖异步FIFO 70NS, VSOP,IND TEMP(FLASH) X9热卖异步FIFO 1M (64K X 16), 5V FLASH, COM TEMP(FLASH) X9热卖异步FIFO 55NS, PLCC, TOP BOOT, IND TEMP,GREEN PKG(FLASH) 90NS, TSOP, IND TEMP(FLASH) 70NS, TSOP, COM TEMP(FLASH) 55NS, VSOP, IND TEMP, GREEN(FLASH) 70NS, PLCC, IND TEMP(FLASH) 55NS, TSOP, IND TEMP, GREEN(FLASH) x9AsynchronousFIFO
|
Rochester Electronics, LLC Ecliptek, Corp.
|
|